Part Number Hot Search : 
HC257 MDW1016 8180DV18 SR160 C4600 KBU2502G UNR121K 25F40
Product Description
Full Text Search
 

To Download 2N4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
2N4401
Through Hole Package Capable of 600mWatts of Power Dissipation
NPN General Purpose Amplifier
TO-92
Pin Configuration Bottom View
C
B
E
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=1.0mAdc, IB=0) Collector-Base Breakdown Voltage (I C=10mAdc, IE=0) Emitter-Base Breakdown Voltage (I E=0.1mAdc, IC=0) Base Cutoff Current (VCE=35Vdc, VBE=0.4Vdc) Collector Cutoff Current (VCE=35Vdc, VBE=0.4Vdc) DC Current Gain* (I C=0.1mAdc, VCE=1.0Vdc) (I C=1.0mAdc, VCE=1.0Vdc) (I C=10mAdc, VCE=1.0Vdc) (I C=150mAdc, VCE=1.0Vdc) (I C=500mAdc, VCE=1.0Vdc) Collector-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Current Gain-Bandwidth Product (I C=20mAdc, VCE=10Vdc, f=100MHz) Collector-Base Capacitance (VCB=5.0Vdc, IE=0, f=100kHz) Emitter-Base Capacitance (VBE=0.5Vdc, IC=0, f=100kHz) Delay Time (VCC=30Vdc, VBE=0.2Vdc Rise Time IC=150mAdc, IB1=15mAdc) Storage Time (VCC=30Vdc, IC=150mAdc Fall Time IB1=IB2=15mAdc) 300s, Duty Cycle 2.0% Min 40 60 6.0 0.1 0.1 Max Units Vdc Vdc Vdc Adc Adc
A
E
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX B
C
ON CHARACTERISTICS
hFE 20 40 80 100 40
300 D 0.4 0.75 Vdc
VCE(sat)
VBE(sat)
0.75
0.95 1.2
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT Ccb Ceb G 250 6.5 30.0 15 20 225 30 MHz
DIMENSIONS
pF pF ns ns ns ns
DIM A B C D E G
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width
INCHES MIN .175 .175 .500 .016 .135 .095
MAX .185 .185 --.020 .145 .105
MM MIN 4.45 4.46 12.7 0.41 3.43 2.42
MAX 4.70 4.70 --0.63 3.68 2.67
NOTE
www.mccsemi.com
2N4401
DC Current Gain vs Collector Current 360 VCE = 10V 300 240 hFE 180 120 60 VBE(ON) - (V) 0.6 0.4 TA = 125C 0.2 0 1.2 1.0 0.8 TA = 25C
MCC
Base-Emitter ON Voltage vs Collector Current VCE = 10V
1
10 IC (mA)
100
1000
1
10
100 IC - (mA)
1000
Collector-Emitter Saturation Volatge vs Collector Current .24 .20 .16 VCE(SAT) - (V) .12 .08 .04 0 1.0 VBE(SAT) - (V) 1.1 IC/IB = 10 TA = 25C 1.0 0.9 0.8 0.7 0.6
Base-Emitter Saturation Voltage vs Collector Current IC/IB = 10 TA = 25C
10 IC - (mA)
100
1000
0.5 1.0
10 IC - (mA)
100
1000
Collector-Base Diode Reverse Current vs Temperature 100 40 32 VCB = 20V 10 ICBO - (mA) 1.0 8 0.1 0 25 50 75 TJ - (C) 100 125 150 pF 24
Input Capacitance vs Reverse Bias Voltage f = 1MHz
16
Ceb
0 0.1
1.0 Volts - (V)
10
www.mccsemi.com
2N4401
Maximum Power Dissipation vs Ambient Temperature 800 10 8 TO-92 PD(MAX) - (mW) 400 pF 6
MCC
Output Capacitance vs Reverse Bias Voltage f = 1MHz 600
4 200 SOT-23 0 0 50 100 TA - (C) 150 200 2 0 0.1
Ccb
1.0 Volts - (V)
10
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 2N4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X